Part Number Hot Search : 
SNC15061 B8504 SRS1620 FALDM400 M62417SP M6650 ICS840 L7387
Product Description
Full Text Search
 

To Download AQW210T2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  81 testing + + 8 1 2 3 4 7 6 5 relay portion (1,2,7,8 pins) detector portion (3,4,5,6 pins) 1 12 11 2 4 3 5 6 10 9 8 7 + + + relay portion (1,2,11,12 pins) detector portion (3,4,9,10 pins) (5,6,7,8 pins) gu (general use) type sop series multi-function (mosfet & optocoupler) type 1 optocoupler type 4.4 0.2 .173 .008 2.1 0.2 .083 .008 9.37 0.2 .369 .008 2 optocouplers type mm inch 4.4 0.2 .173 .008 2.1 0.2 .083 .008 9.37 0.2 .369 .008 features 1. multi-function type with mosfet and optocoupler instead of the conventional arrangement of a separate photomos relay and opto- coupler, photomos relay and 2 optocou- pler this new multi-function type encapsulates the photomos relay and optocoupler into one sop package. 2. ultra-small package size integration of the two devices makes a signi?cant size reduction possible. the sop package measures (w) 4.4 (d) 9.37 (h) 2.1 mm ( (w) .173 (d) .369 (h) .083 inch ). 3. ideal for pc card and fax/modem ap- plications the small size provides additional space for increased functionality, without sacri- ?cing any of the performance of conven- tional mosfet relay and optocoupler, photomos relay and 2 optocoupler com- binations. the new device has been spe- ci?cally designed for the pcmcia market. 4. also available in 8-pin sop package 2 form a mosfet relays are also avail- able in a single 8-pin sop package. typical applications ? pcmcia/jeida standard fax/modem card types * indicate the peak ac and dc values. notes: (1) tape package is the standard packing style. also available in tube. (part no. suf?x "x" or "z" is not needed when orde ring; tube: 50 pcs.; case: 1,000 pcs.) (2) for space reasons, the package type indicator "x" and "z" are omitted from the seal. 1 optocoupler type output rating* part no. packing quantity in tape and reel load voltage load current picked from the 1/2/3/4-pin side picked from the 5/6/7/8-pin side ac/dc type 350 v 120 ma aqw210tsx aqw210tsz 1,000 pcs. 2 optocouplers type output rating* part no. packing quantity in tape and reel load voltage load current picked from the 1/2/3/4/5/6-pin side picked from the 7/8/9/10/11/12-pin side ac/dc type 350 v 120 ma AQW210T2Sx AQW210T2Sz 1,000 pcs. rating 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) relay portion (1, 2, 7, 8 pins) [aqw210ts], (1,2,11,12 pins) [AQW210T2S] detector portion (3, 4, 5, 6 pins) [aqw210ts], (3,4,9,10 and 5,6,7,8 pins) [AQW210T2S] item symbol aqw210ts AQW210T2S remarks input led forward current i f 50 ma led reverse voltage v r 3 v peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% power dissipation p in 75 mw output load voltage v l 350 v continuous load current i l 0.12 a peak ac, dc peak load current i peak 0.36 a 100 ms. (1 shot), v l = dc power dissipation p out 400 mw item symbol aqw210ts AQW210T2S remarks input led forward current i f 50 ma peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% power dissipation p in 75 mw output output voltage bv cec 30 v power dissipation p out 150 mw 100 mw photomos relays ( datasheet : )
aqw210ts, 210t2s 82 others 2. electrical characteristics (ambient temperature: 25 c 77 f ) relay portion (1,2,7,8 pins) [aqw210ts] (1,2,11,12 pins) [AQW210T2S] note: recommendable led forward current i f = 5 ma. detector portion (3,4,5,6 pins) [aqw210ts] (3,4,9,10 and 5,6,7,8 pins) [AQW210T2S] detector portion *turn on/turn off time for type of connection, see page 33. item symbol aqw210ts AQW210T2S remarks total power dissipation t p 650 mw i/o isolation voltage v iso 1500 v ac temperature limits operating t opr e40 c to +85 c e40 f to +185 f non-condensing at low temperatures storage t stg e40 c to +100 c e40 f to +212 f item symbol aqw210ts AQW210T2S condition input led operate current typical i fon 0.9 ma i l = max. maximum 3 ma led turn off current minimum i foff 0.4 ma i l = max. typical 0.8 ma led dropout voltage typical v f 1.14 v (1.25 v at i f = 50 ma) i f = 5 ma maximum 1.5 v output on resistance typical r on 16 w i f = 5 ma i l = max. within 1 s on time maximum 35 w off state leakage current maximum i leak 1 m a i f = 0 i l = max. transfer characteristics turn on time* typical t on 0.23 ms i f = 5 ma i l = max. maximum 0.5 ms turn off time* typical t off 0.04 ms i f = 5 ma i l = max. maximum 0.2 ms item symbol aqw210ts AQW210T2S condition input led operate current typical i fon 2 ma i c = 2 ma v ce = 0.5 v maximum 6 ma led turn off current minimum i foff 5 m a i c = 1 m a v ce = 5 v typical 35 m a led dropout voltage typical v f 1.14 v (1.25 v at i f = 50 ma) i f = 5 ma maximum 1.5 v output saturation voltage typical v on 0.08 v i f = 15 ma i c = 2 ma maximum 0.5 v off state leakage current typical i ceo 0.01 na i f = 0 v ce = 5 v maximum 500 na current transfer ratio minimum ? 33 % i f = 5 ma v ce = 0.5 v typical 100 % transfer characteristics turn on time* typical t on 0.01 ms i f = 5 ma v ce = 5 v i c = 2 ma turn off time* typical t off 0.03 ms i f = 5 ma v ce = 5 v i c = 2 ma item symbol aqw210ts AQW210T2S remarks input i/o capacitance typical c iso 0.8 pf f = 1 mhz v b = 0 maximum 1.5 pf intial i/o isolation resistance minimum r iso 1,000 m w dc 500 v ton input output 10% 90% toff
aqw210ts, 210t2s 83 reference data [1] relay portion (1, 2, 7, 8 pins) [aqw 210ts] (1, 2, 11, 12 pins) [AQW210T2S] 1. load current vs. ambient temperature char- acteristics allowable ambient temperature: C40 c to + 85 c C40 f to +185 f 2. on resistance vs. ambient temperature char- acteristics measured portion: between terminals 7 and 8 (aqw210ts), 11 and 12 (AQW210T2S); led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 3. turn on time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 20 40 60 80 100 120 ?0 ?0 0 20 40 60 80 85 100 ambient temperature, c load current, ma 0 50 40 30 20 10 ?0 ?0 0 20 40 60 8085 ambient temperature, c on resistance, w 0 0.2 0.4 0.6 0.8 1.0 ?0 ?0 0 20 40 60 8085 ambient temperature, c turn on time, ms 4. turn off time vs. ambient temperature char- acteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate current vs. ambient tempera- ture characteristics load voltage: max. (dc); continuous load current: max. (dc) 6. led turn off current vs. ambient temperature characteristics load voltage: max. (dc); continuous load current: max. (dc) 0.4 0.3 0.2 0.1 0 ?0 ?0 0 20 40 60 8085 ambient temperature, c turn off time, ms 0 1 2 3 4 5 ?0 ?0 0 20 40 60 8085 ambient temperature, c led operate current, ma 0 1 2 3 4 5 ?0 ?0 0 20 40 60 8085 ambient temperature, c led turn off current, ma 7. led dropout voltage vs. ambient tempera- ture characteristics led current: 5 to 50 ma 8. voltage vs. current characteristics of output at mos portion measured portion: between terminals 7 and 8 (aqw210ts), 11 and 12 (AQW210T2S); ambient temperature: 25 c 77 f 9. off state leakage current measured portion: between terminals 7 and 8 (aqw210ts), 11 and 12 (AQW210T2S); ambient temperature: 25 c 77 f 0 1.0 1.1 1.2 1.3 1.4 1.5 ?0 ?0 0 20 40 60 80 85 50 ma 30 ma 20 ma 5 ma 10 ma ambient temperature, c led dropout voltage, v ? ? ? ? ? 12345 120 100 80 60 40 20 ?0 ?0 ?0 ?0 ?00 ?20 voltage, v current, ma 0 20406080100 10 ?2 10 ? 10 ? 10 ? load voltage, v off state leakage current, a 10. led forward current vs. turn on time char- acteristics measured portion: between terminals 7 and 8 (aqw210ts), 11 and 12 (AQW210T2S); load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 11. led forward current vs. turn off time char- acteristics measured portion: between terminals 7 and 8 (aqw210ts), 11 and 12 (AQW210T2S); load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. applied voltage vs. output capacitance characteristics measured portion: between terminals 7 and 8 (aqw210ts), 11 and 12 (AQW210T2S); frequency: 1 mhz; ambient temperature: 25 c 77 f 0 102030405060 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 led forward current, ma turn on time, ms 0 102030405060 0 0.02 0.04 0.06 0.08 0.10 led forward current, ma turn off time, ms 0 10 20 30 40 50 0 1020304050 applied voltage, v output capacitance, pf
aqw210ts, 210t2s 84 [2] detector portion (3, 4, 5, 6 pins) [aqw 210ts] (3/4/9/10 pins and 5/6/7/8 pins) [AQW210T2S] 1. output loss vs. ambient temperature charac- teristics allowable temperature range: e40 to 85 c e40 to 185 f 2. relative output current vs. ambient tempera- ture characteristics measured portion: between terminals 3 and 4 (aqw210ts), 3 and 4, 5 and 6 (AQW210T2S) i f = 5 ma, v ce = 0.5 v dc 3. led dropout voltage vs. ambient tempera- ture characteristics led current: 5 to 50 ma e40 e20 0 20 40 60 8085100 0 50 100 150 200 aqw210ts AQW210T2S ambient temperature, ? c output loss, mw e40 e20 0 20 40 60 8085 100 0 50 100 150 ambient temperature, ? c relative output current, % 0 1.0 1.1 1.2 1.3 1.4 1.5 e20 e40 0 20 40 60 8085 50 ma 30 ma 20 ma 10 ma 5 ma ambient temperature, ? c led dropout voltage, v 4-1. collector current vs. voltage between col- lector and emitter characteristics (i c -v ce ) measured portion: between terminals 3 and 4 (aqw210ts), 3 and 4, 5 and 6 (AQW210T2S) ambient temperature: 25 c 77 f 4-2. collector current vs. voltage between col- lector and emitter characteristics (i c -v ce ) measured portion: between terminals 3 and 4 (aqw210ts), 3 and 4, 5 and 6 (AQW210T2S) ambient temperature: 25 c 77 f 5. off state leakage current measured portion: between terminals 3 and 4 (aqw210ts), 3 and 4, 5 and 6 (AQW210T2S) led current: 0 ma ambient temperature: 25 c 77 f 0 0 20 40 60 80 246810 p c (max.) i f =50 ma i f =40 ma i f =30 ma i f =20 ma i f =10 ma i f =5 ma voltage between collector and emitter, v collector current, ma aqw210ts AQW210T2S 0 0 10 20 30 40 0.1 0.2 0.3 0.4 0.5 i f =50 ma i f =40 ma i f =30 ma i f =20 ma i f =10 ma i f =5 ma voltage between collector and emitter, v collector current, ma 0 102030 10 e12 10 e9 10 e6 10 e3 voltage between collector and emitter, v off state leakage current, a 5/7/2001 all rights reserved, ? copyright matsushita electric works, ltd.


▲Up To Search▲   

 
Price & Availability of AQW210T2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X